|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Part Number: LM2CR01W www.SunLED.com 10mm SOLID STATE LAMP PRELIMINARY SPEC Features 10mm DIAMETER BIG LAMP. I.C. COMPATIBLE. RELIABLE AND RUGGED. LONG LIFE - SOLID STATE RELIABILITY. RoHS COMPLIANT. Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3.Specifications are subject to change without notice. Absolute Maximum Ratings (TA=25C) Reverse Voltage Forward Current Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature Lead Solder Temperature [2mm Below Package Base] Lead Solder Temperature [5mm Below Package Base] VR IF iFS PT TA Tstg M2CR (AlInGaP) 5 30 150 84 -40 ~ +85 -40 ~ +85 Unit V mA mA mW C Operating Characteristics (TA=25C) Forward Voltage (Typ.) (IF=20mA) Forward Voltage (Max.) (IF=20mA) Reverse Current (Max.) (VR=5V) Wavelength Of Peak Emission (Typ.) (IF=20mA) Wavelength Of Dominant Emission (Typ.) (IF=20mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=20mA) Capacitance (Typ.) (VF=0V, f=1MHz) VF VF IR M2CR (AlInGaP) 2.2 2.8 10 Unit V V uA P 640 nm 260C For 3 Seconds 260C For 5 Seconds D 630 nm 25 nm C 27 pF Part Number Emitting Color Emitting Material Lens-color Luminous Intensity (IF=20mA) mcd min. typ. 10990 Wavelength nm P Viewing Angle 2 1/2 LM2CR01W Red AlInGaP Water Clear 6700 640 15 Published Date : MAR 22,2008 Drawing No : SDSA6544 V1 Checked : B.L.LIU P.1/4 Part Number: LM2CR01W www.SunLED.com 10mm SOLID STATE LAMP M2CR Published Date : MAR 22,2008 Drawing No : SDSA6544 V1 Checked : B.L.LIU P.2/4 Part Number: LM2CR01W www.SunLED.com 10mm SOLID STATE LAMP Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity/ luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous intensity / luminous flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters. Published Date : MAR 22,2008 Drawing No : SDSA6544 V1 Checked : B.L.LIU P.3/4 Part Number: LM2CR01W www.SunLED.com 10mm SOLID STATE LAMP PACKING & LABEL SPECIFICATIONS LM2CR01W Published Date : MAR 22,2008 Drawing No : SDSA6544 V1 Checked : B.L.LIU P.4/4 |
Price & Availability of LM2CR01W |